Part Number Hot Search : 
MAXL001 IRFZ3 84134311 DK0034T R2812S PT150S8 106K0 00041
Product Description
Full Text Search
 

To Download CGA5K4X7R2J153K Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  tdk mlcc us catalog version b11 cga series automotive grade capacitors type: cga 2 [eia cc 0402 ] cga 3 [eia cc 0603 ] cga 4 [eia cc 0805 ] cga 5 [eia cc 1206 ] cga 6 [eia cc 1210 ] issue date: april 2011
reminders please read before using this product safety reminders tdk mlcc us catalog version b11 page 290 reminders 1. if you intend to use a product listed in this catalog for a purpose that may cause loss of life or other damage, you must contact our companys sales window . 2. we may modify products or discontinue production of a product listed in this catalog without prior notification . 3. we provide delivery specification that explain precautions for the specifications and safety of each product listed in this catalog . we strongly recommend that you exchange these delivery specifications with customers that use one of these products . 4. if you plan to export a product listed in this catalog, keep in mind that it may be a restricted item according to the foreign exchange and foreign trade control law . in such cases, it is necessary to acquire export permission in harmony with this law . 5. any reproduction or transferring of the contents of this catalog is prohibited without prior permission from our company . 6. we are not responsible for problems that occur related to the intellectual property rights or other rights of our company or a third party when you use a product listed in this catalog . we do not grant license of these rights . 7. this catalog only applies to products purchased through our company or one of our companys official agencies . this catalog does not apply to products that are purchased through other third parties .
tdk mlcc us catalog version b11 page 291 cga series automotive grade capacitors type: cga2 (c1005), cga3 (c1608), cga4 (c2012), cga5 (c3216), cga6 (c3225) ? the cga series consists of products that can be used for the power train, safety equipment, etc. of a vehicle ? qualified to aec q 200 test standard ? parts are manufactured using tested and stable manufacturing processes and are subjected to increased inspections to guarantee a higher level of reliability ? a monolithic structure ensures superior mechanical strength and reliability ? available in x 8 r temperature characteristic for up to 150 oc operating temperature ? high capacitance has been achieved through precision technologies that enable the use of multiple thinner ceramic dielectric layers ? high - accuracy automatic mounting is facilitated through the maintenance of very precise dimensional tolerances ? low stray capacitance ensures high conformity with nominal values, thereby simplifying the circuit design process applications ? automotive applications ? high reliability requirement applications ? harsh environment requirement application ? smart meter ? base stations ? noise bypass in automotive features shape & dimensions dimensions in mm part number construction series name rated voltage (dc) nominal capacitance (pf) capacitance tolerance packaging style internal codes cga 5 l 2 x8r 1 e 105 k t xxxx symbol length width 2 1.00 0.05 0.50 0.05 3 1.60 0.10 0.80 0.10 4 2.00 0.20 1.25 0.20 5 3.20 0.20 1.60 0.20 6 3.20 0.40 2.50 0.30 symbol thickness b 0.50 mm c 0.60 mm e 0.80 mm f 0.85 mm h 1.15 mm j 1.25 mm symbol thickness k 1.30 mm l 1.60 mm m 2.00 mm n 2.30 mm p 2.50 mm symbol condition 1 1 r.v. 2 2 r.v. symbol condition 3 1.5 r.v. 4 1.2 r.v. temperature characteristics capacitance change temperature range c0g 0 30 ppm /oc - 55 to +125oc x5r 15% - 55 to +85oc x7r 15% - 55 to +125oc x7s 22% - 55 to +125oc x7t +22/ - 33% - 55 to +125oc x8r 15% - 55 to +150oc packaging code style t tape & reel tolerance code tolerance c 0.25 pf d 0.50 pf j 5% k 10% m 20% the capacitance is expressed in three digit codes and in units of pico farads (pf). the first and second digits identify the first and second significant figures of the capacitance. the third digit identifies the multiplier. r designates a decimal point. capacitance code capacitance 0r5 0.5pf 010 1pf 102 1,000pf (1nf) 105 1,000,000pf (1f) l body length w body width t body height b terminal width voltage code voltage (dc) 0j 6.3v 1a 10v 1c 16v 1e 25v 1v 35v voltage condition for life test temperature characteristic dimensions l x w (mm) thickness t (mm) voltage code voltage (dc) 1h 50v 2a 100v 2e 250v 2w 450v 2j 630v
tdk mlcc us catalog version b11 page 292 capacitance range chart cga2 [eia cc0402] 0 . 50 mm standard thickness capacitance (pf) cap code tolerance c0g 1h (50v) 1 010 c: 0.25pf 1.5 1r5 2 020 2.2 2r2 3 030 3.3 3r3 4 040 4.7 4r7 5 050 6 060 d: 0.50pf 6.8 6r8 7 070 8 080 9 090 10 100 12 120 j: 5% 15 150 18 180 22 220 27 270 33 330 39 390 47 470 56 560 68 680 82 820 100 101 120 121 150 151 180 181 220 221 270 271 330 331 390 391 470 471 560 561 680 681 820 821 1,000 102 capacitance range chart temperature characteristics : c 0 g ( 0 30 ppm /oc) rated voltage: 50v ( 1 h)
tdk mlcc us catalog version b 11 page 293 capacitance range chart cga2 [eia cc0402] 0.50 mm standard thickness capacitance range chart temperature characteristics: x7r ( 15%), x7s ( 22%), x8r ( 15%) rated voltage: 100v (2a), 50v (1h), 35v (1v), 25v (1e), 16v (1c), 10v (1a) capacitance (pf) cap code tolerance x7r x7s x8r 1h (50v) 1v (35v) 1e (25v) 1c (16v) 1a (10v) 2a (100v) 1h (50v) 1e (25v) 150 151 k: 10% 220 221 330 331 470 471 680 681 1,000 102 1,500 152 2,200 222 3,300 332 4,700 472 6,800 682 10,000 103 15,000 153 22,000 223 33,000 333 47,000 473 68,000 683 100,000 104 220,000 224
tdk mlcc us catalog version b11 page 294 capacitance range table cga2 [eia cc0402] tdk part number (ordering code) temperature characteristics rated voltage capacitance (pf) capacitance tolerance thickness (mm) cga2b2c0g1h010c c0g 50v 1.0 0.25pf 0.50 0.05 cga2b2c0g1h1r5c c0g 50v 1.5 0.25pf 0.50 0.05 cga2b2c0g1h020c c0g 50v 2.0 0.25pf 0.50 0.05 cga2b2c0g1h2r2c c0g 50v 2.2 0.25pf 0.50 0.05 cga2b2c0g1h030c c0g 50v 3.0 0.25pf 0.50 0.05 cga2b2c0g1h3r3c c0g 50v 3.3 0.25pf 0.50 0.05 cga2b2c0g1h040c c0g 50v 4.0 0.25pf 0.50 0.05 cga2b2c0g1h4r7c c0g 50v 4.7 0.25pf 0.50 0.05 cga2b2c0g1h050c c0g 50v 5.0 0.25pf 0.50 0.05 cga2b2c0g1h060d c0g 50v 6.0 0.50pf 0.50 0.05 cga2b2c0g1h6r8d c0g 50v 6.8 0.50pf 0.50 0.05 cga2b2c0g1h070d c0g 50v 7.0 0.50pf 0.50 0.05 cga2b2c0g1h080d c0g 50v 8.0 0.50pf 0.50 0.05 cga2b2c0g1h090d c0g 50v 9.0 0.50pf 0.50 0.05 cga2b2c0g1h100d c0g 50v 10 0.50pf 0.50 0.05 cga2b2c0g1h120j c0g 50v 12 5% 0.50 0.05 cga2b2c0g1h150j c0g 50v 15 5% 0.50 0.05 cga2b2c0g1h180j c0g 50v 18 5% 0.50 0.05 cga2b2c0g1h220j c0g 50v 22 5% 0.50 0.05 cga2b2c0g1h270j c0g 50v 27 5% 0.50 0.05 cga2b2c0g1h330j c0g 50v 33 5% 0.50 0.05 cga2b2c0g1h390j c0g 50v 39 5% 0.50 0.05 cga2b2c0g1h470j c0g 50v 47 5% 0.50 0.05 cga2b2c0g1h560j c0g 50v 56 5% 0.50 0.05 cga2b2c0g1h680j c0g 50v 68 5% 0.50 0.05 cga2b2c0g1h820j c0g 50v 82 5% 0.50 0.05 cga2b2c0g1h101j c0g 50v 100 5% 0.50 0.05 cga2b2c0g1h121j c0g 50v 120 5% 0.50 0.05 cga2b2c0g1h151j c0g 50v 150 5% 0.50 0.05 cga2b2c0g1h181j c0g 50v 180 5% 0.50 0.05 cga2b2c0g1h221j c0g 50v 220 5% 0.50 0.05 cga2b2c0g1h271j c0g 50v 270 5% 0.50 0.05 cga2b2c0g1h331j c0g 50v 330 5% 0.50 0.05 cga2b2c0g1h391j c0g 50v 390 5% 0.50 0.05 cga2b2c0g1h471j c0g 50v 470 5% 0.50 0.05 cga2b2c0g1h561j c0g 50v 560 5% 0.50 0.05 cga2b2c0g1h681j c0g 50v 680 5% 0.50 0.05 cga2b2c0g1h821j c0g 50v 820 5% 0.50 0.05 cga2b2c0g1h102j c0g 50v 1,000 5% 0.50 0.05 class 1 (temperature compensating) temperature characteristics: c0g ( - 55 to 125oc, 0 30 ppm /oc)
tdk mlcc us catalog version b11 page 295 capacitance range table cga 2 [eia cc 0402] class 2 (temperature stable) temperature characteristics: x 7 r ( - 55 to + 125 oc, 15 %), x 6 s ( - 55 to + 105 oc, 22 %), x 5 r ( - 55 to + 85 oc, 15 %), y 5 v( - 30 to + 85 oc, + 22/ - 82%) tdk part number (ordering code) temperature characteristics rated voltage capacitance (pf) capacitance tolerance thickness (mm) cga2b2x7r1h221k x7r 50v 220 10% 0.50 0.05 cga2b2x7r1h331k x7r 50v 330 10% 0.50 0.05 cga2b2x7r1h471k x7r 50v 470 10% 0.50 0.05 cga2b2x7r1h681k x7r 50v 680 10% 0.50 0.05 cga2b2x7r1h102k x7r 50v 1,000 10% 0.50 0.05 cga2b2x7r1h152k x7r 50v 1,500 10% 0.50 0.05 cga2b2x7r1h222k x7r 50v 2,200 10% 0.50 0.05 cga2b2x7r1h332k x7r 50v 3,300 10% 0.50 0.05 cga2b2x7r1h472k x7r 50v 4,700 10% 0.50 0.05 cga2b2x7r1h682k x7r 50v 6,800 10% 0.50 0.05 cga2b3x7r1h103k x7r 50v 10,000 10% 0.50 0.05 cga2b3x7r1h153k x7r 50v 15,000 10% 0.50 0.05 cga2b3x7r1h223k x7r 50v 22,000 10% 0.50 0.05 cga2b3x7r1h333k x7r 50v 33,000 10% 0.50 0.05 cga2b3x7r1h473k x7r 50v 47,000 10% 0.50 0.05 cga2b3x7r1h683k x7r 50v 68,000 10% 0.50 0.05 cga2b3x7r1h104k x7r 50v 100,000 10% 0.50 0.05 cga2b3x7r1v103k x7r 35v 10,000 10% 0.50 0.05 cga2b3x7r1v104k x7r 35v 100,000 10% 0.50 0.05 cga2b2x7r1e103k x7r 25v 10,000 10% 0.50 0.05 cga2b2x7r1e223k x7r 25v 22,000 10% 0.50 0.05 cga2b1x7r1e473k x7r 25v 47,000 10% 0.50 0.05 cga2b3x7r1e104k x7r 25v 100,000 10% 0.50 0.05 cga2b2x7r1c473k x7r 16v 47,000 10% 0.50 0.05 cga2b1x7r1c683k x7r 16v 68,000 10% 0.50 0.05 cga2b1x7r1c104k x7r 16v 100,000 10% 0.50 0.05 cga2b1x7r1a224k x7r 10v 220,000 10% 0.50 0.05 cga2b3x7s2a102k x7s 100v 1,000 10% 0.50 0.05 cga2b3x7s2a152k x7s 100v 1,500 10% 0.50 0.05 cga2b3x7s2a222k x7s 100v 2,200 10% 0.50 0.05 cga2b3x7s2a332k x7s 100v 3,300 10% 0.50 0.05 cga2b3x7s2a472k x7s 100v 4,700 10% 0.50 0.05 cga2b3x7s2a682k x7s 100v 6,800 10% 0.50 0.05 cga2b3x7s2a103k x7s 100v 10,000 10% 0.50 0.05 cga2b2x8r1h151k x8r 50v 150 10% 0.50 0.05 cga2b2x8r1h221k x8r 50v 220 10% 0.50 0.05 cga2b2x8r1h331k x8r 50v 330 10% 0.50 0.05 cga2b2x8r1h471k x8r 50v 470 10% 0.50 0.05 cga2b2x8r1h681k x8r 50v 680 10% 0.50 0.05 cga2b2x8r1h102k x8r 50v 1,000 10% 0.50 0.05 cga2b2x8r1h152k x8r 50v 1,500 10% 0.50 0.05 cga2b2x8r1h222k x8r 50v 2,200 10% 0.50 0.05 cga2b2x8r1h332k x8r 50v 3,300 10% 0.50 0.05 cga2b2x8r1h472k x8r 50v 4,700 10% 0.50 0.05
tdk mlcc us catalog version b 11 page 296 capacitance range table cga2 [eia cc0402] class 2 (temperature stable) temperature characteristics: x7r ( - 55 to +125oc, 15%), x6s ( - 55 to +105oc, 22%), x5r ( - 55 to +85oc, 15%), y5v( - 30 to +85oc, +22/ - 82%) tdk part number (ordering code) temperature characteristics rated voltage capacitance (pf) capacitance tolerance thickness (mm) cga2b2x8r1e682k x8r 25v 6,800 10% 0.50 0.05 cga2b2x8r1e103k x8r 25v 10,000 10% 0.50 0.05
tdk mlcc us catalog version b11 page 297 cga3 [eia cc0603] capacitance range chart standard thickness 0.80 mm capacitance (pf) cap code tolerance c0g 2e (250v) 2a (100v) 1h (50v) 1 010 c: 0.25pf 1.5 1r5 2 020 2.2 2r2 3 030 3.3 3r3 4 040 4.7 4r7 5 050 6 060 d: 0.50pf 6.8 6r8 7 070 8 080 9 090 10 100 12 120 j: 5% 15 150 18 180 22 220 27 270 33 330 39 390 47 470 56 560 68 680 82 820 100 101 120 121 150 151 180 181 220 221 270 271 330 331 390 391 470 471 560 561 680 681 820 821 1,000 102 1,200 122 1,500 152 1,800 182 2,200 222 2,700 272 3,300 332 3,900 392 4,700 472 5,600 562 6,800 682 8,200 822 10,000 103 capacitance range chart temperature characteristics : c0g (0 30 ppm /oc) rated voltage: 250v (2e), 100v (2a), 50v (1h)
tdk mlcc us catalog version b 11 page 298 cga 3 [eia cc 0603] capacitance range chart standard thickness 0.80 mm capacitance (pf) cap code tolerance x7r x7s 2a (100v) 1h (50v) 1v (35v) 1e (25v) 1c (16v) 0j (6.3v) 2a (100v) 220 221 k: 10% 330 331 470 471 680 681 1,000 102 1,500 152 2,200 222 3,300 332 4,700 472 6,800 682 10,000 103 15,000 153 22,000 223 33,000 333 47,000 473 68,000 683 100,000 104 150,000 154 220,000 224 330,000 334 470,000 474 680,000 684 1,000,000 105 2,200,000 225 capacitance (pf) cap code tolerance x8r x5r 2a (100v) 1h (50v) 1e (25v) 1c (16v) 0j (6.3v) 1,000 102 k: 10% 1,500 152 2,200 222 3,300 332 4,700 472 6,800 682 10,000 103 15,000 153 22,000 223 33,000 333 47,000 473 68,000 683 100,000 104 2,200,000 225 4,700,000 475 capacitance range chart temperature characteristics: x7r ( 15%), x7s ( 22%), x8r ( 15%), x5r ( 15%) rated voltage: 100v (2a), 50v (1h), 35v (1v), 25v (1e),16v (1c), 6.3v (0j)
tdk mlcc us catalog version b11 page 299 capacitance range table cga3 [eia cc0603] tdk part number (ordering code) temperature characteristics rated voltage capacitance (pf) capacitance tolerance thickness (mm) cga3e2c0g1h010c c0g 50v 1.0 0.25pf 0.80 0.10 cga3e2c0g1h1r5c c0g 50v 1.5 0.25pf 0.80 0.10 cga3e2c0g1h020c c0g 50v 2.0 0.25pf 0.80 0.10 cga3e2c0g1h2r2c c0g 50v 2.2 0.25pf 0.80 0.10 cga3e2c0g1h030c c0g 50v 3.0 0.25pf 0.80 0.10 cga3e2c0g1h3r3c c0g 50v 3.3 0.25pf 0.80 0.10 cga3e2c0g1h040c c0g 50v 4.0 0.25pf 0.80 0.10 cga3e2c0g1h4r7c c0g 50v 4.7 0.25pf 0.80 0.10 cga3e2c0g1h050c c0g 50v 5.0 0.25pf 0.80 0.10 cga3e2c0g1h060d c0g 50v 6.0 0.50pf 0.80 0.10 cga3e2c0g1h6r8d c0g 50v 6.8 0.50pf 0.80 0.10 cga3e2c0g1h070d c0g 50v 7.0 0.50pf 0.80 0.10 cga3e2c0g1h080d c0g 50v 8.0 0.50pf 0.80 0.10 cga3e2c0g1h090d c0g 50v 9.0 0.50pf 0.80 0.10 cga3e2c0g1h100d c0g 50v 10 0.50pf 0.80 0.10 cga3e2c0g1h120j c0g 50v 12 5% 0.80 0.10 cga3e2c0g1h150j c0g 50v 15 5% 0.80 0.10 cga3e2c0g1h180j c0g 50v 18 5% 0.80 0.10 cga3e2c0g1h220j c0g 50v 22 5% 0.80 0.10 cga3e2c0g1h270j c0g 50v 27 5% 0.80 0.10 cga3e2c0g1h330j c0g 50v 33 5% 0.80 0.10 cga3e2c0g1h390j c0g 50v 39 5% 0.80 0.10 cga3e2c0g1h470j c0g 50v 47 5% 0.80 0.10 cga3e2c0g1h560j c0g 50v 56 5% 0.80 0.10 cga3e2c0g1h680j c0g 50v 68 5% 0.80 0.10 cga3e2c0g1h820j c0g 50v 82 5% 0.80 0.10 cga3e2c0g1h101j c0g 50v 100 5% 0.80 0.10 cga3e2c0g1h121j c0g 50v 120 5% 0.80 0.10 cga3e2c0g1h151j c0g 50v 150 5% 0.80 0.10 cga3e2c0g1h181j c0g 50v 180 5% 0.80 0.10 cga3e2c0g1h221j c0g 50v 220 5% 0.80 0.10 cga3e2c0g1h271j c0g 50v 270 5% 0.80 0.10 cga3e2c0g1h331j c0g 50v 330 5% 0.80 0.10 cga3e2c0g1h391j c0g 50v 390 5% 0.80 0.10 cga3e2c0g1h471j c0g 50v 470 5% 0.80 0.10 cga3e2c0g1h561j c0g 50v 560 5% 0.80 0.10 cga3e2c0g1h681j c0g 50v 680 5% 0.80 0.10 cga3e2c0g1h821j c0g 50v 820 5% 0.80 0.10 cga3e2c0g1h102j c0g 50v 1,000 5% 0.80 0.10 cga3e2c0g1h122j c0g 50v 1,200 5% 0.80 0.10 cga3e2c0g1h152j c0g 50v 1,500 5% 0.80 0.10 cga3e2c0g1h182j c0g 50v 1,800 5% 0.80 0.10 cga3e2c0g1h222j c0g 50v 2,200 5% 0.80 0.10 cga3e2c0g1h272j c0g 50v 2,700 5% 0.80 0.10 class 1 (temperature compensating) temperature characteristics: c0g ( - 55 to 125oc, 0 30 ppm /oc)
tdk mlcc us catalog version b11 page 300 capacitance range table cga3 [eia cc0603] tdk part number (ordering code) temperature characteristics rated voltage capacitance (pf) capacitance tolerance thickness (mm) cga3e2c0g1h332j c0g 50v 3,300 5% 0.80 0.10 cga3e2c0g1h392j c0g 50v 3,900 5% 0.80 0.10 cga3e2c0g1h472j c0g 50v 4,700 5% 0.80 0.10 cga3e2c0g1h562j c0g 50v 5,600 5% 0.80 0.10 cga3e2c0g1h682j c0g 50v 6,800 5% 0.80 0.10 cga3e2c0g1h822j c0g 50v 8,200 5% 0.80 0.10 cga3e2c0g1h103j c0g 50v 10,000 5% 0.80 0.10 cga3e2c0g2a101j c0g 100v 100 5% 0.80 0.10 cga3e2c0g2a121j c0g 100v 120 5% 0.80 0.10 cga3e2c0g2a151j c0g 100v 150 5% 0.80 0.10 cga3e2c0g2a181j c0g 100v 180 5% 0.80 0.10 cga3e2c0g2a221j c0g 100v 220 5% 0.80 0.10 cga3e2c0g2a271j c0g 100v 270 5% 0.80 0.10 cga3e2c0g2a331j c0g 100v 330 5% 0.80 0.10 cga3e2c0g2a391j c0g 100v 390 5% 0.80 0.10 cga3e2c0g2a471j c0g 100v 470 5% 0.80 0.10 cga3e2c0g2a561j c0g 100v 560 5% 0.80 0.10 cga3e2c0g2a681j c0g 100v 680 5% 0.80 0.10 cga3e2c0g2a821j c0g 100v 820 5% 0.80 0.10 cga3e2c0g2a102j c0g 100v 1,000 5% 0.80 0.10 cga3e2c0g2a122j c0g 100v 1,200 5% 0.80 0.10 cga3e3c0g2e101j c0g 250v 100 5% 0.80 0.10 cga3e3c0g2e121j c0g 250v 120 5% 0.80 0.10 cga3e3c0g2e151j c0g 250v 150 5% 0.80 0.10 cga3e3c0g2e181j c0g 250v 180 5% 0.80 0.10 cga3e3c0g2e221j c0g 250v 220 5% 0.80 0.10 cga3e3c0g2e271j c0g 250v 270 5% 0.80 0.10 cga3e3c0g2e331j c0g 250v 330 5% 0.80 0.10 cga3e3c0g2e391j c0g 250v 390 5% 0.80 0.10 cga3e3c0g2e471j c0g 250v 470 5% 0.80 0.10 cga3e3c0g2e561j c0g 250v 560 5% 0.80 0.10 cga3e3c0g2e681j c0g 250v 680 5% 0.80 0.10 class 1 (temperature compensating) temperature characteristics: c 0 g ( - 55 to 125 oc, 0 30 ppm /oc) tdk part number (ordering code) temperature characteristics rated voltage capacitance (pf) capacitance tolerance thickness (mm) cga3e2x7r1h221k x7r 50v 220 10% 0.80 0.10 cga3e2x7r1h331k x7r 50v 330 10% 0.80 0.10 cga3e2x7r1h471k x7r 50v 470 10% 0.80 0.10 cga3e2x7r1h681k x7r 50v 680 10% 0.80 0.10 cga3e2x7r1h102k x7r 50v 1,000 10% 0.80 0.10 cga3e2x7r1h152k x7r 50v 1,500 10% 0.80 0.10 cga3e2x7r1h222k x7r 50v 2,200 10% 0.80 0.10 cga3e2x7r1h332k x7r 50v 3,300 10% 0.80 0.10 class 2 (temperature stable) temperature characteristics: x7r ( - 55 to +125oc, 15%), x7s ( - 55 to +125oc, 22%), x7t ( - 55 to +125oc, +22/ - 33%)
tdk mlcc us catalog version b 11 page 301 capacitance range table cga3 [eia cc0603] class 2 (temperature stable) temperature characteristics: x7r ( - 55 to +125oc, 15%), x6s ( - 55 to +105oc, 22%), x5r ( - 55 to +85oc, 15%), y5v( - 30 to +85oc, +22/ - 82%) tdk part number (ordering code) temperature characteristics rated voltage capacitance (pf) capacitance tolerance thickness (mm) cga3e2x7r1h472k x7r 50v 4,700 10% 0.80 0.10 cga3e2x7r1h682k x7r 50v 6,800 10% 0.80 0.10 cga3e2x7r1h103k x7r 50v 10,000 10% 0.80 0.10 cga3e2x7r1h153k x7r 50v 15,000 10% 0.80 0.10 cga3e2x7r1h223k x7r 50v 22,000 10% 0.80 0.10 cga3e2x7r1h333k x7r 50v 33,000 10% 0.80 0.10 cga3e2x7r1h473k x7r 50v 47,000 10% 0.80 0.10 cga3e2x7r1h683k x7r 50v 68,000 10% 0.80 0.10 cga3e2x7r1h104k x7r 50v 100,000 10% 0.80 0.10 cga3e3x7r1h154k x7r 50v 150,000 10% 0.80 0.10 cga3e3x7r1h224k x7r 50v 220,000 10% 0.80 0.10 cga3e1x7r1v334k x7r 35v 330,000 10% 0.80 0.10 cga3e1x7r1v474k x7r 35v 470,000 10% 0.80 0.10 cga3e2x7r1e104k x7r 25v 100,000 10% 0.80 0.10 cga3e2x7r1e154k x7r 25v 150,000 10% 0.80 0.10 cga3e1x7r1e224k x7r 25v 220,000 10% 0.80 0.10 cga3e3x7r1e474k x7r 25v 470,000 10% 0.80 0.10 cga3e1x7r1e684k x7r 25v 680,000 10% 0.80 0.10 cga3e1x7r1e105k x7r 25v 1,000,000 10% 0.80 0.10 cga3e2x7r1c224k x7r 16v 220,000 10% 0.80 0.10 cga3e1x7r1c334k x7r 16v 330,000 10% 0.80 0.10 cga3e1x7r1c474k x7r 16v 470,000 10% 0.80 0.10 cga3e1x7r1c684k x7r 16v 680,000 10% 0.80 0.10 cga3e1x5r1c225k x5r 16v 2,200,000 10% 0.80 0.10 cga3e1x7r0j225k x7r 6.3v 2,200,000 10% 0.80 0.10 cga3e1x5r0j475k x5r 6.3v 4,700,000 10% 0.80 0.10 cga3e2x7r2a102k x7r 100v 1,000 10% 0.80 0.10 cga3e2x7r2a152k x7r 100v 1,500 10% 0.80 0.10 cga3e2x7r2a222k x7r 100v 2,200 10% 0.80 0.10 cga3e2x7r2a332k x7r 100v 3,300 10% 0.80 0.10 cga3e2x7r2a472k x7r 100v 4,700 10% 0.80 0.10 cga3e2x7r2a682k x7r 100v 6,800 10% 0.80 0.10 cga3e2x7r2a103k x7r 100v 10,000 10% 0.80 0.10 cga3e2x7r2a153k x7r 100v 15,000 10% 0.80 0.10 cga3e2x7r2a223k x7r 100v 22,000 10% 0.80 0.10 cga3e3x7s2a333k x7s 100v 33,000 10% 0.80 0.10 cga3e3x7s2a473k x7s 100v 47,000 10% 0.80 0.10 cga3e3x7s2a683k x7s 100v 68,000 10% 0.80 0.10 cga3e3x7s2a104k x7s 100v 100,000 10% 0.80 0.10 cga3e2x8r1e683k x8r 25v 68,000 10% 0.80 0.10 cga3e2x8r1e104k x8r 25v 100,000 10% 0.80 0.10 cga3e2x8r1h102k x8r 50v 1,000 10% 0.80 0.10 cga3e2x8r1h152k x8r 50v 1,500 10% 0.80 0.10 cga3e2x8r1h222k x8r 50v 2,200 10% 0.80 0.10
tdk mlcc us catalog version b11 page 302 capacitance range table class 2 (temperature stable) temperature characteristics: x7r ( - 55 to +125oc, 15%), x6s ( - 55 to +105oc, 22%), x5r ( - 55 to +85oc, 15%), y5v( - 30 to +85oc, +22/ - 82%) tdk part number (ordering code) temperature characteristics rated voltage capacitance (pf) capacitance tolerance thickness (mm) cga3e2x8r1h332k x8r 50v 3,300 10% 0.80 0.10 cga3e2x8r1h472k x8r 50v 4,700 10% 0.80 0.10 cga3e2x8r1h682k x8r 50v 6,800 10% 0.80 0.10 cga3e2x8r1h103k x8r 50v 10,000 10% 0.80 0.10 cga3e2x8r1h153k x8r 50v 15,000 10% 0.80 0.10 cga3e2x8r1h223k x8r 50v 22,000 10% 0.80 0.10 cga3e2x8r1h333k x8r 50v 33,000 10% 0.80 0.10 cga3e2x8r1h473k x8r 50v 47,000 10% 0.80 0.10 cga3e2x8r2a102k x8r 100v 1,000 10% 0.80 0.10 cga3e2x8r2a152k x8r 100v 1,500 10% 0.80 0.10 cga3e2x8r2a222k x8r 100v 2,200 10% 0.80 0.10 cga3e2x8r2a332k x8r 100v 3,300 10% 0.80 0.10 cga3e2x8r2a472k x8r 100v 4,700 10% 0.80 0.10 cga3e2x8r2a682k x8r 100v 6,800 10% 0.80 0.10 cga3e2x8r2a103k x8r 100v 10,000 10% 0.80 0.10 cga3e2x8r2a153k x8r 100v 15,000 10% 0.80 0.10 cga3 [eia cc0603]
tdk mlcc us catalog version b11 page 303 cga4 [eia cc0805] capacitance range chart capacitance range chart temperature characteristics : c 0 g ( 0 30 ppm /oc) rated voltage: 250 v ( 2 e), 100 v ( 2 a), 50v ( 1 h) 0.60 mm 1 . 25 mm 0 . 85 mm capacitance (pf) cap code tolerance c0g 2e (250v) 2a (100v) 1h (50v) 100 101 j: 5% 220 221 470 471 820 821 1,000 102 1,200 122 1,500 152 1,800 182 2,200 222 2,700 272 3,300 332 3,900 392 4,700 472 5,600 562 6,800 682 8,200 822 10,000 103 15,000 153 22,000 223 33,000 333 standard thickness
tdk mlcc us catalog version b11 page 304 cga4 [eia cc0805] capacitance range chart 0.60 mm 1.25 mm 0.85 mm standard thickness capacitance range chart temperature characteristics: x7r ( 15%), x7s ( 22%), x8r ( 15%), x5r ( 15%) rated voltage: 450v (2w), 250v (2e), 100v (2a), 50v (1h), 35v (1v), 25v (1e),16v (1c), 6.3v (0j) capacitance (pf) cap code tolerance x7r 2e (250v) 2a (100v) 1h (50v) 1v (35v) 1e (25v) 1c (16v) 0j (6.3v) 1,000 102 k: 10% 1,500 152 2,200 222 3,300 332 4,700 472 6,800 682 10,000 103 15,000 153 22,000 223 33,000 333 47,000 473 68,000 683 100,000 104 150,000 154 220,000 224 330,000 334 470,000 474 680,000 684 1,000,000 105 1,500,000 155 2,200,000 225 3,300,000 335 4,700,000 475 10,000,000 106 capacitance (pf) cap code tolerance x8r x7s x7t x5r 2a (100v) 1h (50v) 1e (25v) 2a (100v) 2w (450v) 2e (250v) 0j (6.3v) 10,000 103 k: 10% 15,000 153 22,000 223 33,000 333 47,000 473 68,000 683 100,000 104 150,000 154 220,000 224 330,000 334 470,000 474 680,000 684 1,000,000 105 10,000,000 106
tdk mlcc us catalog version b11 page 305 capacitance range table tdk part number (ordering code) temperature characteristics rated voltage capacitance (pf) capacitance tolerance thickness (mm) cga4c2c0g1h101j c0g 50v 100 5% 0.60 0.10 cga4c2c0g1h102j c0g 50v 1,000 5% 0.60 0.10 cga4c2c0g1h222j c0g 50v 2,200 5% 0.60 0.10 cga4c2c0g1h272j c0g 50v 2,700 5% 0.60 0.10 cga4c2c0g1h332j c0g 50v 3,300 5% 0.60 0.10 cga4c2c0g1h392j c0g 50v 3,900 5% 0.60 0.10 cga4f2c0g1h392j c0g 50v 3,900 5% 0.85 0.10 cga4c2c0g1h472j c0g 50v 4,700 5% 0.60 0.10 cga4f2c0g1h472j c0g 50v 4,700 5% 0.85 0.10 cga4c2c0g1h562j c0g 50v 5,600 5% 0.60 0.10 cga4f2c0g1h562j c0g 50v 5,600 5% 0.85 0.10 cga4c2c0g1h682j c0g 50v 6,800 5% 0.60 0.10 cga4j2c0g1h682j c0g 50v 6,800 5% 1.25 0.20 cga4c2c0g1h822j c0g 50v 8,200 5% 0.60 0.10 cga4j2c0g1h822j c0g 50v 8,200 5% 1.25 0.20 cga4c2c0g1h103j c0g 50v 10,000 5% 0.60 0.10 cga4j2c0g1h103j c0g 50v 10,000 5% 1.25 0.20 cga4f2c0g1h153j c0g 50v 15,000 5% 0.85 0.10 cga4j2c0g1h223j c0g 50v 22,000 5% 1.25 0.20 cga4j2c0g1h333j c0g 50v 33,000 5% 1.25 0.20 cga4c2c0g2a101j c0g 100v 100 5% 0.60 0.10 cga4c2c0g2a221j c0g 100v 220 5% 0.60 0.10 cga4c2c0g2a471j c0g 100v 470 5% 0.60 0.10 cga4c2c0g2a102j c0g 100v 1,000 5% 0.60 0.10 cga4c2c0g2a122j c0g 100v 1,200 5% 0.60 0.10 cga4c2c0g2a152j c0g 100v 1,500 5% 0.60 0.10 cga4f2c0g2a182j c0g 100v 1,800 5% 0.85 0.10 cga4f2c0g2a222j c0g 100v 2,200 5% 0.85 0.10 cga4j2c0g2a272j c0g 100v 2,700 5% 1.25 0.20 cga4j2c0g2a332j c0g 100v 3,300 5% 1.25 0.20 cga4j2c0g2a392j c0g 100v 3,900 5% 1.25 0.20 cga4j2c0g2a472j c0g 100v 4,700 5% 1.25 0.20 cga4c3c0g2e821j c0g 250v 820 5% 0.60 0.10 cga4f3c0g2e102j c0g 250v 1,000 5% 0.85 0.10 cga4f3c0g2e122j c0g 250v 1,200 5% 0.85 0.10 cga4f3c0g2e152j c0g 250v 1,500 5% 0.85 0.10 cga4j3c0g2e182j c0g 250v 1,800 5% 1.25 0.20 cga4j3c0g2e222j c0g 250v 2,200 5% 1.25 0.20 cga4j3c0g2e272j c0g 250v 2,700 5% 1.25 0.20 class 1 (temperature compensating) temperature characteristics: c0g ( - 55 to 125oc, 0 30 ppm /oc) cga 4 [eia cc 0805]
tdk mlcc us catalog version b 11 page 306 capacitance range table cga4 [eia cc0805] class 2 (temperature stable) temperature characteristics: x7r ( - 55 to +125oc, 15%), x6s ( - 55 to +105oc, 22%), x5r ( - 55 to +85oc, 15%), y5v( - 30 to +85oc, +22/ - 82%) tdk part number (ordering code) temperature characteristics rated voltage capacitance (pf) capacitance tolerance thickness (mm) cga4c2x7r1h102k x7r 50v 1,000 10% 0.60 0.10 cga4c2x7r1h103k x7r 50v 10,000 10% 0.60 0.10 cga4f2x7r1h104k x7r 50v 100,000 10% 0.85 0.10 cga4j2x7r1h104k x7r 50v 100,000 10% 1.25 0.20 cga4j2x7r1h104kt5 x7r 50v 100,000 10% 1.25 0.20 cga4j2x7r1h154k x7r 50v 150,000 10% 1.25 0.20 cga4j2x7r1h224k x7r 50v 220,000 10% 1.25 0.20 cga4j2x7r1h334k x7r 50v 330,000 10% 1.25 0.20 cga4j3x7r1h474k x7r 50v 470,000 10% 1.25 0.20 cga4j3x7r1h684k x7r 50v 680,000 10% 1.25 0.20 cga4j3x7r1h105k x7r 50v 1,000,000 10% 1.25 0.20 cga4j3x7r1v105k x7r 35v 1,000,000 10% 1.25 0.20 cga4j1x7r1v225k x7r 35v 2,200,000 10% 1.25 0.20 cga4j2x7r1e224k x7r 25v 220,000 10% 1.25 0.20 cga4j2x7r1e474k x7r 25v 470,000 10% 1.25 0.20 cga4j3x7r1e684k x7r 25v 680,000 10% 1.25 0.20 cga4j3x7r1e105k x7r 25v 1,000,000 10% 1.25 0.20 cga4j3x7r1e225k x7r 25v 2,200,000 10% 1.25 0.20 cga4j1x7r1e335k x7r 25v 3,300,000 10% 1.25 0.20 cga4j1x7r1e475k x7r 25v 4,700,000 10% 1.25 0.20 cga4j2x7r1c474k x7r 16v 470,000 10% 1.25 0.20 cga4j2x7r1c684k x7r 16v 680,000 10% 1.25 0.20 cga4j2x7r1c105k x7r 16v 1,000,000 10% 1.25 0.20 cga4j3x7r1c155k x7r 16v 1,500,000 10% 1.25 0.20 cga4j3x7r1c225k x7r 16v 2,200,000 10% 1.25 0.20 cga4j3x7r1c475k x7r 16v 4,700,000 10% 1.25 0.20 cga4j3x5r1a106k x5r 10v 10,000,000 10% 1.25 0.20 cga4j1x7r0j106k x7r 6.3v 10,000,000 10% 1.25 0.20 cga4f2x7r2a102k x7r 100v 1,000 10% 0.85 0.10 cga4f2x7r2a152k x7r 100v 1,500 10% 0.85 0.10 cga4f2x7r2a222k x7r 100v 2,200 10% 0.85 0.10 cga4f2x7r2a332k x7r 100v 3,300 10% 0.85 0.10 cga4f2x7r2a472k x7r 100v 4,700 10% 0.85 0.10 cga4f2x7r2a682k x7r 100v 6,800 10% 0.85 0.10 cga4f2x7r2a103k x7r 100v 10,000 10% 0.85 0.10 cga4j2x7r2a153k x7r 100v 15,000 10% 1.25 0.20 cga4j2x7r2a223k x7r 100v 22,000 10% 1.25 0.20 cga4j2x7r2a333k x7r 100v 33,000 10% 1.25 0.20 cga4j2x7r2a473k x7r 100v 47,000 10% 1.25 0.20 cga4f2x7r2a683k x7r 100v 68,000 10% 0.85 0.10 cga4j2x7r2a104k x7r 100v 100,000 10% 1.25 0.20 cga4f3x7r2e102k x7r 250v 1,000 10% 0.85 0.10 cga4f3x7r2e152k x7r 250v 1,500 10% 0.85 0.10 cga4f3x7r2e222k x7r 250v 2,200 10% 0.85 0.10
tdk mlcc us catalog version b11 page 307 capacitance range table cga4 [eia cc0805] class 2 (temperature stable) temperature characteristics: x7r ( - 55 to +125oc, 15%), x6s ( - 55 to +105oc, 22%), x5r ( - 55 to +85oc, 15%), y5v( - 30 to +85oc, +22/ - 82%) tdk part number (ordering code) temperature characteristics rated voltage capacitance (pf) capacitance tolerance thickness (mm) cga4f3x7r2e332k x7r 250v 3,300 10% 0.85 0.10 cga4f3x7r2e472k x7r 250v 4,700 10% 0.85 0.10 cga4j3x7r2e682k x7r 250v 6,800 10% 1.25 0.20 cga4j3x7r2e103k x7r 250v 10,000 10% 1.25 0.20 cga4j3x7r2e153k x7r 250v 15,000 10% 1.25 0.20 cga4j3x7r2e223k x7r 250v 22,000 10% 1.25 0.20 cga4f3x7s2a224k x7s 100v 220,000 10% 0.85 0.10 cga4j3x7s2a474k x7s 100v 470,000 10% 1.25 0.20 cga4j3x7s2a105k x7s 100v 1,000,000 10% 1.25 0.20 cga4j3x7t2e473k x7t 250v 47,000 10% 1.25 0.20 cga4j3x7t2e104k x7t 250v 100,000 10% 1.25 0.20 cga4f4x7t2w103k x7t 450v 10,000 10% 0.85 0.10 cga4j4x7t2w223k x7t 450v 22,000 10% 1.25 0.20 cga4j4x7t2w473k x7t 450v 47,000 10% 1.25 0.20 cga4j2x8r1h683k x8r 50v 68,000 10% 1.25 0.20 cga4j2x8r1h104k x8r 50v 100,000 10% 1.25 0.20 cga4f2x8r1e154k x8r 25v 150,000 10% 0.85 0.10 cga4j2x8r1e224k x8r 25v 220,000 10% 1.25 0.20 cga4j2x8r1e334k x8r 25v 330,000 10% 1.25 0.20 cga4j2x8r2a223k x8r 100v 22,000 10% 1.25 0.20
tdk mlcc us catalog version b11 page 308 cga5 [eia cc1206] capacitance range chart standard thickness 0 . 60 mm 0 . 85 mm 1 . 15 mm 1.60 mm capacitance range chart temperature characteristics : c0g (0 30 ppm /oc) rated voltage: 630v (2j), 250v (2e), 100v (2a), 50v (1h) capacitance (pf) cap code tolerance c0g 2j (630v) 2e (250v) 2a (100v) 1h (50v) 100 101 j: 5% 120 121 150 151 180 181 220 221 270 271 330 331 390 391 470 471 560 561 680 681 820 821 1,000 102 1,200 122 1,500 152 1,800 182 2,200 222 2,700 272 3,300 332 3,900 392 4,700 472 5,600 562 6,800 682 8,200 822 10,000 103 15,000 153 22,000 223 33,000 333 47,000 473 68,000 683 100,000 104
tdk mlcc us catalog version b11 page 309 cga5 [eia cc1206] capacitance range chart standard thickness 1.30 mm 0.85 mm 1.15 mm 1.60 mm capacitance range chart temperature characteristics: x 7 r ( 15 %), x 7 s ( 22 %), x 8 r ( 15 %), x 5 r ( 15%) rated voltage: 630 v ( 2 j), 450 v ( 2 w), 250 v ( 2 e), 100 v ( 2 a), 50v ( 1 h), 35v ( 1 v), 25 v ( 1 e), 16v ( 1 c) capacitance (pf) cap code tolerance x7r 2j (630v) 2e (250v) 2a (100v) 1h (50v) 1v (35v) 1e (25v) 1c (16v) 1,000 102 k: 10% 1,500 152 2,200 222 3,300 332 4,700 472 6,800 682 10,000 103 15,000 153 22,000 223 33,000 333 47,000 473 68,000 683 100,000 104 150,000 154 220,000 224 330,000 334 470,000 474 680,000 684 1,000,000 105 1,500,000 155 2,200,000 225 3,300,000 335 4,700,000 475 6,800,000 685 10,000,000 106 capacitance (pf) cap code tolerance x7s x7t x8r 2a (100v) 2j (630v) 2w (450v) 2e (250v) 2a (100v) 1h (50v) 1e (25v) 10,000 103 k: 10% 15,000 153 22,000 223 33,000 333 47,000 473 68,000 683 100,000 104 150,000 154 220,000 224 330,000 334 470,000 474 680,000 684 1,000,000 105 1,500,000 155 2,200,000 225
tdk mlcc us catalog version b11 page 310 capacitance range table cga 5 [eia cc 1206] tdk part number (ordering code) temperature characteristics rated voltage capacitance (pf) capacitance tolerance thickness (mm) cga5c2c0g1h472j c0g 50v 4,700 5% 0.60 0.10 cga5c2c0g1h562j c0g 50v 5,600 5% 0.60 0.10 cga5c2c0g1h682j c0g 50v 6,800 5% 0.60 0.10 cga5c2c0g1h822j c0g 50v 8,200 5% 0.60 0.10 cga5f2c0g1h822j c0g 50v 8,200 5% 0.85 0.10 cga5c2c0g1h103j c0g 50v 10,000 5% 0.60 0.10 cga5f2c0g1h103j c0g 50v 10,000 5% 0.85 0.10 cga5c2c0g1h153j c0g 50v 15,000 5% 0.60 0.10 cga5h2c0g1h153j c0g 50v 15,000 5% 1.15 0.10 cga5c2c0g1h223j c0g 50v 22,000 5% 0.60 0.10 cga5h2c0g1h223j c0g 50v 22,000 5% 1.15 0.10 cga5f2c0g1h333j c0g 50v 33,000 5% 0.85 0.10 cga5l2c0g1h333j c0g 50v 33,000 5% 1.60 0.30 cga5h2c0g1h473j c0g 50v 47,000 5% 1.15 0.10 cga5l2c0g1h683j c0g 50v 68,000 5% 1.60 0.30 cga5l2c0g1h104j c0g 50v 100,000 5% 1.60 0.30 cga5c2c0g2a392j c0g 100v 3,900 5% 0.60 0.10 cga5f2c0g2a472j c0g 100v 4,700 5% 0.85 0.10 cga5f2c0g2a562j c0g 100v 5,600 5% 0.85 0.10 cga5h2c0g2a682j c0g 100v 6,800 5% 1.15 0.10 cga5h2c0g2a822j c0g 100v 8,200 5% 1.15 0.10 cga5h2c0g2a103j c0g 100v 10,000 5% 1.15 0.10 cga5f3c0g2e332j c0g 250v 3,300 5% 0.85 0.10 cga5h3c0g2e392j c0g 250v 3,900 5% 1.15 0.10 cga5h3c0g2e472j c0g 250v 4,700 5% 1.15 0.10 cga5h3c0g2e562j c0g 250v 5,600 5% 1.15 0.10 cga5l3c0g2e682j c0g 250v 6,800 5% 1.60 0.30 cga5l3c0g2e822j c0g 250v 8,200 5% 1.60 0.30 cga5c4c0g2j101j c0g 630v 100 5% 0.60 0.10 cga5c4c0g2j121j c0g 630v 120 5% 0.60 0.10 cga5c4c0g2j151j c0g 630v 150 5% 0.60 0.10 cga5c4c0g2j181j c0g 630v 180 5% 0.60 0.10 cga5c4c0g2j221j c0g 630v 220 5% 0.60 0.10 cga5c4c0g2j271j c0g 630v 270 5% 0.60 0.10 cga5c4c0g2j331j c0g 630v 330 5% 0.60 0.10 cga5c4c0g2j391j c0g 630v 390 5% 0.60 0.10 cga5f4c0g2j471j c0g 630v 470 5% 0.85 0.10 cga5f4c0g2j561j c0g 630v 560 5% 0.85 0.10 cga5f4c0g2j681j c0g 630v 680 5% 0.85 0.10 cga5f4c0g2j821j c0g 630v 820 5% 0.85 0.10 cga5f4c0g2j102j c0g 630v 1,000 5% 0.85 0.10 cga5f4c0g2j122j c0g 630v 1,200 5% 0.85 0.10 cga5h4c0g2j152j c0g 630v 1,500 5% 1.15 0.10 cga5h4c0g2j182j c0g 630v 1,800 5% 1.15 0.10 class 1 (temperature compensating) temperature characteristics: c0g ( - 55 to 125oc, 0 30 ppm /oc)
tdk mlcc us catalog version b11 page 311 capacitance range table cga5 [eia cc1206] tdk part number (ordering code) temperature characteristics rated voltage capacitance (pf) capacitance tolerance thickness (mm) cga5h4c0g2j222j c0g 630v 2,200 5% 1.15 0.10 cga5l4c0g2j272j c0g 630v 2,700 5% 1.60 0.30 cga5l4c0g2j332j c0g 630v 3,300 5% 1.60 0.30 class 1 (temperature compensating) temperature characteristics: c0g ( - 55 to 125oc, 0 30 ppm /oc) tdk part number (ordering code) temperature characteristics rated voltage capacitance (pf) capacitance tolerance thickness (mm) cga5l2x7r1h474k x7r 50v 470,000 10% 1.60 0.30 cga5l2x7r1h684k x7r 50v 680,000 10% 1.60 0.30 cga5l3x7r1h105k x7r 50v 1,000,000 10% 1.60 0.30 cga5l3x7r1h155k x7r 50v 1,500,000 10% 1.60 0.30 cga5l3x7r1h225k x7r 50v 2,200,000 10% 1.60 0.30 cga5l1x7r1v335k x7r 35v 3,300,000 10% 1.60 0.30 cga5l1x7r1v475k x7r 35v 4,700,000 10% 1.60 0.30 cga5l2x7r1e105k x7r 25v 1,000,000 10% 1.60 0.30 cga5l2x7r1e155k x7r 25v 1,500,000 10% 1.60 0.30 cga5l2x7r1e225k x7r 25v 2,200,000 10% 1.60 0.30 cga5l1x7r1e335k x7r 25v 3,300,000 10% 1.60 0.30 cga5l1x7r1e475k x7r 25v 4,700,000 10% 1.60 0.30 cga5l1x7r1e106k x7r 25v 10,000,000 10% 1.60 0.30 cga5h2x7r1c105k x7r 16v 1,000,000 10% 1.15 0.10 cga5l2x7r1c225k x7r 16v 2,200,000 10% 1.60 0.30 cga5l3x7r1c475k x7r 16v 4,700,000 10% 1.60 0.30 cga5l1x7r1c685k x7r 16v 6,800,000 10% 1.60 0.30 cga5h2x7r2a333k x7r 100v 33,000 10% 1.15 0.10 cga5h2x7r2a473k x7r 100v 47,000 10% 1.15 0.10 cga5l2x7r2a683k x7r 100v 68,000 10% 1.60 0.30 cga5l2x7r2a104k x7r 100v 100,000 10% 1.60 0.30 cga5l2x7r2a154k x7r 100v 150,000 10% 1.60 0.30 cga5h2x7r2a224k x7r 100v 220,000 10% 1.15 0.10 cga5k2x7r2a334k x7r 100v 330,000 10% 1.30 0.15 cga5l2x7r2a474k x7r 100v 470,000 10% 1.60 0.30 cga5l2x7r2a105k x7r 100v 1,000,000 10% 1.60 0.30 cga5h3x7r2e153k x7r 250v 15,000 10% 1.15 0.10 cga5h3x7r2e223k x7r 250v 22,000 10% 1.15 0.10 cga5l3x7r2e333k x7r 250v 33,000 10% 1.60 0.30 cga5l3x7r2e473k x7r 250v 47,000 10% 1.60 0.30 cga5l3x7r2e683k x7r 250v 68,000 10% 1.60 0.30 cga5l3x7r2e104k x7r 250v 100,000 10% 1.60 0.30 cga5h4x7r2j102k x7r 630v 1,000 10% 1.15 0.10 cga5h4x7r2j152k x7r 630v 1,500 10% 1.15 0.10 cga5h4x7r2j222k x7r 630v 2,200 10% 1.15 0.10 cga5h4x7r2j332k x7r 630v 3,300 10% 1.15 0.10 cga5h4x7r2j472k x7r 630v 4,700 10% 1.15 0.10 class 2 (temperature stable) temperature characteristics: x7r ( - 55 to +125oc, 15%), x6s ( - 55 to +105oc, 22%), x5r ( - 55 to +85oc, 15%), y5v( - 30 to +85oc, +22/ - 82%)
tdk mlcc us catalog version b11 page 312 capacitance range table cga5 [eia cc1206] class 2 (temperature stable) temperature characteristics: x 7 r ( - 55 to + 125 oc, 15 %), x 6 s ( - 55 to + 105 oc, 22 %), x 5 r ( - 55 to + 85 oc, 15 %), y 5 v( - 30 to + 85 oc, + 22/ - 82%) tdk part number (ordering code) temperature characteristics rated voltage capacitance (pf) capacitance tolerance thickness (mm) cga5h4x7r2j682k x7r 630v 6,800 10% 1.15 0.10 cga5h4x7r2j103k x7r 630v 10,000 10% 1.15 0.10 CGA5K4X7R2J153K x7r 630v 15,000 10% 1.30 0.15 cga5k4x7r2j223k x7r 630v 22,000 10% 1.30 0.15 cga5l4x7r2j333k x7r 630v 33,000 10% 1.60 0.30 cga5l3x7s2a225k x7s 100v 2,200,000 10% 1.60 0.30 cga5l3x7t2e224k x7t 250v 220,000 10% 1.60 0.30 cga5l4x7t2w104k x7t 450v 100,000 10% 1.60 0.30 cga5f1x7t2j103k x7t 630v 10,000 10% 0.85 0.10 cga5h1x7t2j223k x7t 630v 22,000 10% 1.15 0.10 cga5l1x7t2j473k x7t 630v 47,000 10% 1.60 0.30 cga5f2x8r1h154k x8r 50v 150,000 10% 0.85 0.10 cga5h2x8r1h224k x8r 50v 220,000 10% 1.15 0.10 cga5l2x8r1h334k x8r 50v 330,000 10% 1.60 0.30 cga5l2x8r1h474k x8r 50v 470,000 10% 1.60 0.30 cga5f2x8r1e334k x8r 25v 330,000 10% 0.85 0.10 cga5f2x8r1e474k x8r 25v 470,000 10% 0.85 0.10 cga5h2x8r1e684k x8r 25v 680,000 10% 1.15 0.10 cga5l2x8r1e105k x8r 25v 1,000,000 10% 1.60 0.30 cga5f2x8r2a333k x8r 100v 33,000 10% 0.85 0.10 cga5f2x8r2a473k x8r 100v 47,000 10% 0.85 0.10 cga5h2x8r2a683k x8r 100v 68,000 10% 1.15 0.10 cga5h2x8r2a104k x8r 100v 100,000 10% 1.15 0.10 cga5l2x8r2a154k x8r 100v 150,000 10% 1.60 0.30
tdk mlcc us catalog version b11 page 313 cga 6 [eia cc 1210] capacitance range chart capacitance range chart temperature characteristics : c0g (0 30 ppm /oc) rated voltage: 630v (2j), 250v (2e), 100v (2a), 50v (1h) 2.30 mm 2.00 mm 1.30 mm 2.50 mm 1.60 mm 2.30 mm 2.00 mm 1.30 mm 2.50 mm 1.60 mm standard thickness standard thickness capacitance range chart temperature characteristics: x 7 r ( 15 %), x 7 s ( 22 %), x 8 r ( 15 %), x 5 r ( 15%) rated voltage: 630 v ( 2 j), 450 v ( 2 w), 250 v ( 2 e), 100 v ( 2 a), 50v ( 1 h), 25v ( 1 e), 16v ( 1 c) capacitance (pf) cap code tolerance c0g 2j (630v) 2e (250v) 2a (100v) 1h (50v) 3,900 392 j: 5% 4,700 472 5,600 562 6,800 682 10,000 103 15,000 153 22,000 223 33,000 333 47,000 473 68,000 683 100,000 104 capacitance (pf) cap code tolerance x7r 2j (630v) 2e (250v) 2a (100v) 1h (50v) 1e (25v) 1c (16v) 47,000 473 k: 10% 68,000 683 100,000 104 150,000 154 220,000 224 330,000 334 470,000 474 680,000 684 1,000,000 105 1,500,000 155 2,200,000 225 3,300,000 335 4,700,000 475 6,800,000 685 10,000,000 106 15,000,000 156 22,000,000 226 capacitance (pf) cap code tolerance x7s x7t x8r 2a (100v) 1h (50v) 2j (630v) 2w (450v) 1e (25v) 100,000 104 k: 10% 150,000 154 220,000 224 330,000 334 470,000 474 680,000 684 1,000,000 105 1,500,000 155 2,200,000 225 3,300,000 335 4,700,000 475 6,800,000 685 10,000,000 106
tdk mlcc us catalog version b 11 page 314 capacitance range table cga6 [eia cc1210] tdk part number (ordering code) temperature characteristics rated voltage capacitance (pf) capacitance tolerance thickness (mm) cga6j2c0g1h223j c0g 50v 22,000 5% 1.30 0.15 cga6l2c0g1h333j c0g 50v 33,000 5% 1.60 0.30 cga6m2c0g1h473j c0g 50v 47,000 5% 2.00 0.20 cga6m2c0g1h683j c0g 50v 68,000 5% 2.00 0.20 cga6p2c0g1h104j c0g 50v 100,000 5% 2.50 0.30 cga6j2c0g2a153j c0g 100v 15,000 5% 1.30 0.15 cga6l2c0g2a223j c0g 100v 22,000 5% 1.60 0.30 cga6m2c0g2a333j c0g 100v 33,000 5% 2.00 0.20 cga6n2c0g2a473j c0g 100v 47,000 5% 2.30 0.20 cga6l3c0g2e103j c0g 250v 10,000 5% 1.60 0.30 cga6m3c0g2e153j c0g 250v 15,000 5% 2.00 0.20 cga6j4c0g2j392j c0g 630v 3,900 5% 1.30 0.15 cga6l4c0g2j472j c0g 630v 4,700 5% 1.60 0.30 cga6l4c0g2j562j c0g 630v 5,600 5% 1.60 0.30 cga6m4c0g2j682j c0g 630v 6,800 5% 2.00 0.20 class 1 (temperature compensating) temperature characteristics: c0g ( - 55 to 125oc, 0 30 ppm /oc) tdk part number (ordering code) temperature characteristics rated voltage capacitance (pf) capacitance tolerance thickness (mm) cga6l2x7r1h105k x7r 50v 1,000,000 10% 1.60 0.30 cga6m2x7r1h155k x7r 50v 1,500,000 10% 2.00 0.20 cga6m3x7r1h225k x7r 50v 2,200,000 10% 2.00 0.20 cga6p3x7r1h335k x7r 50v 3,300,000 10% 2.50 0.30 cga6p3x7r1h475k x7r 50v 4,700,000 10% 2.50 0.30 cga6l2x7r1e335k x7r 25v 3,300,000 10% 1.60 0.30 cga6m2x7r1e475k x7r 25v 4,700,000 10% 2.00 0.20 cga6p3x7r1e685k x7r 25v 6,800,000 10% 2.50 0.30 cga6p1x7r1e106k x7r 25v 10,000,000 10% 2.50 0.30 cga6p1x7r1e106m x7r 25v 10,000,000 20% 2.50 0.30 cga6m3x7r1c106k x7r 16v 10,000,000 10% 2.00 0.20 cga6m3x7r1c106m x7r 16v 10,000,000 20% 2.00 0.20 cga6p3x7r1c156m x7r 16v 15,000,000 20% 2.50 0.30 cga6p1x7r1c226m x7r 16v 22,000,000 20% 2.50 0.30 cga6m2x7r2a334k x7r 100v 330,000 10% 2.00 0.20 cga6m2x7r2a474k x7r 100v 470,000 10% 2.00 0.20 cga6l2x7r2a684k x7r 100v 680,000 10% 1.60 0.30 cga6m2x7r2a105k x7r 100v 1,000,000 10% 2.00 0.20 cga6n3x7r2a225k x7r 100v 2,200,000 10% 2.30 0.20 cga6m3x7r2e104k x7r 250v 100,000 10% 2.00 0.20 cga6m3x7r2e154k x7r 250v 150,000 10% 2.00 0.20 cga6m3x7r2e224k x7r 250v 220,000 10% 2.00 0.20 cga6m4x7r2j473k x7r 630v 47,000 10% 2.00 0.20 cga6m4x7r2j683k x7r 630v 68,000 10% 2.00 0.20 cga6n3x7s1h475k x7s 50v 4,700,000 10% 2.30 0.20 class 2 (temperature stable) temperature characteristics: x7r ( - 55 to +125oc, 15%), x7s ( - 55 to +125oc, 22%), x7t ( - 55 to +125oc, +22/ - 33%)
tdk mlcc us catalog version b11 page 315 capacitance range table cga6 [eia cc1210] tdk part number (ordering code) temperature characteristics rated voltage capacitance (pf) capacitance tolerance thickness (mm) cga6p3x7s1h685k x7s 50v 6,800,000 10% 2.50 0.30 cga6p3x7s1h106k x7s 50v 10,000,000 10% 2.50 0.30 cga6m3x7s2a475k x7s 100v 4,700,000 10% 2.00 0.20 cga6m4x7t2w224k x7t 450v 220,000 10% 2.00 0.20 cga6l1x7t2j104k x7t 630v 100,000 10% 1.60 0.30 cga6l2x8r1e155k x8r 25v 1,500,000 10% 1.60 0.30 cga6m2x8r1e225k x8r 25v 2,200,000 10% 2.00 0.20 cga6p2x8r1e335k x8r 25v 3,300,000 10% 2.50 0.30 class 2 (temperature stable) temperature characteristics: x7r ( - 55 to +125oc, 15%), x6s ( - 55 to +105oc, 22%), x5r ( - 55 to +85oc, 15%), y5v( - 30 to +85oc, +22/ - 82%)
tdk mlcc us catalog version b11 page 316 general specifications cga series C automotive grade capacitors no. item performance test or inspection method 1 external appearance no defects which may affect performance. inspect with magnifying glass (3 ). 2 insulation resistance 10,000m or 500m ? f min. (as for the capacitors of rated voltage 16v dc and the item below, 10,000 m or 100m ? f min.), whichever is smaller. apply rated voltage for 60s. as for the rated voltage 630v dc, apply 500v dc. 3 voltage proof withstand test voltage without insulation breakdown or other damage. above dc voltage shall be applied for 1 to 5s. charge / discharge current shall not exceed 50ma. 4 capacitance within the specified tolerance. 5 q (class 1) c : rated capacitance (pf) see no.4 in this table for measuring condition. 6 dissipation factor (class 2) see no.4 in this table for measuring condition. 7 temperature characteristics of capacitance (class1) capacitance drift within 0.2% or 0.05pf, whichever larger. class rated voltage apply voltage class 1 100v and under 3 rated voltage over 100v 1.5 rated voltage class 2 100v and under 2.5 rated voltage over 100v 1.5 rated voltage class rated capacitance measuring freuency measuring voltage class 1 1000pf 1mhz 10% 0.5 - 5 v rms > 1000pf 1khz 10% class 2 10uf 1khz 10% 1.0 0.2 v rms > 10uf 120hz 20% 0.5 0.2 v rms rated capacitance q c 30pf 1,000 min. c < 30pf 400+20 c min. t.c. d.f. x8r x7r c0g 0.03 max. 0.05 max. 0.075 max. 0.1 max. t.c. temperature coefficient c0g 0 30 ppm/oc
tdk mlcc us catalog version b 11 page 317 general specifications cga series C automotive grade capacitors no. item performance test or inspection method 8 temperature characteristics of capacitance (class 2) capacitance change (%) capacitance shall be measured by the steps shown in the following table after thermal equilibrium is obtained for each step. ? c be calculated ref. step 3 reading measuring voltage: 0.1, 0.2, 0.5, 1.0v rms . 9 robustness of terminations no sign of termination coming off, breakage of ceramic, or other abnormal signs. reflow solder the capacitor on p.c. board (shown in appendix 1a or appendix 1b) and apply a pushing force of 2n (cga2) or 17.7n (cga3, cga4, cga5, cga6) with 10 1s. 10 bending no mechanical damage. reflow solder the capacitors on p.c. board (shown in appendix 2a or appendix 2b) and bend it for 1mm. 11 solderability new solder to cover over 75% of termination. 25% may have pinholes or rough spots but not concentrated in one spot. ceramic surface of a sections shall not be exposed due to melting or shifting of termination material. completely soak both terminations in solder at 235 5oc for 2 0.5s. solder: h63a (jis z 3282) flux: isopropyl alcohol (jis k 8839) rosin (jis k 5902) 25% solid solution. pushing force p.c. board capacitor 1 20 50 f r230 45 45 a section no voltage applied x7r: 15% x8r: 15% step temperature (oc) 1 reference temp. 2 2 min. operating temp. 3 3 reference temp. 2 4 max. operating temp. 2 unit: mm
tdk mlcc us catalog version b 11 page 318 general specifications cga series C automotive grade capacitors no. item performance test or inspection method 12 resistance to solder heat completely soak both terminations in solder at 260 5oc for 5 1s. preheating condition temp. : 150 10oc time : 1 to 2min. flux : isopropyl alcohol (jis k 8839) rosin (jis k 5902) 25% solid solution. solder : h63a (jis z 3282) leave the capacitor in ambient conditions for 6 to 24h (class 1) or 24 2h (class 2) before measurement. external appearance no cracks are allowed and terminations shall be covered at least 60% with new solder capacitance q (class 1) c : rated capacitance (pf) d.f. (class 2) meet the initial spec. insulation resistance meet the initial spec. voltage proof no insulation breakdown or other damage. 13 vibration reflow solder the capacitor on a p.c. board (shown in appendix 1a or appendix 1b ) before testing. vibrate the capacitor with following conditions: applied force: 5g max. frequency: 10 - 2000hz duration: 20 min. cycle : 12 cycles external appearance no mechanical damage. capacitance q (class 1) c : rated capacitance (pf) d.f. (class 2) meet the initial spec. characteristics change from the value before test class 1 c0g capacitance drift within 2.5% or 0.25pf, whichever larger. class 2 x7r x8r 7.5 % rated capacitance q 30pf and over 1,000 min. under 30pf 400+20 c min. characteristics change from the value before test class 1 c0g capacitance drift within 2.5% or 0.25pf, whichever larger. class 2 x7r x8r 7.5 % rated capacitance q 30pf and over 1,000 min. under 30pf 400+20 c min.
tdk mlcc us catalog version b11 page 319 general specifications cga series C automotive grade capacitors no. item performance test or inspection method 14 temperature cycle reflow solder the capacitors on a p.c. board (shown in appendix 1a or appendix 1b) before testing. expose the capacitor in the conditions step1 through step 4, and repeat 5 times consecutively. leave the capacitor in ambient conditions for 6 to 24h (class 1) or 24 2h (class 2) before measurement. external appearance no mechanical damage. capacitance q (class 1) c : rated capacitance (pf) d.f. (class 2) meet the initial spec. insulation resistance meet the initial spec. voltage proof no insulation breakdown or other damage. 15 moisture resistance reflow solder the capacitor on p.c. board (shown in appendix 1a or appendix 1b) before testing. apply the rated voltage at temperature 85oc and 85%rh for 1000 +24,0h. charge/discharge current shall not exceed 50ma. leave the capacitor in ambient conditions for 6 to 24h (class 1) or 24 2h (class 2) before measurement. voltage conditioning (only for class 2): voltage treat the capacitor under testing temperature and voltage for 1 hour. leave the capacitor in ambient conditions for 24 2h before measurement. use this measurement for initial value. external appearance no mechanical damage. capacitance q (class 1) c : rated capacitance (pf) d.f. (class 2) characteristics x7r: 200% of initial spec. max. x8r: 200% of initial spec. max insulation resistance 500m or 25m ? f min. (as for the capacitors of rated voltage 16v dc and item below, 500m or 5m ? f min.,) whichever smaller. characteristics change from the value before test class 1 c0g capacitance drift within 2.5% or 0.25pf, whichever larger. class 2 x7r x8r 7.5 % rated capacitance q 30pf and over 1,000 min. under 30pf 400+20 c min. step temperature (oc) time (min.) 1 min. operating temp. 3 30 3 2 reference temp. 2 2 C 5 3 max. operating temp. 2 30 2 4 reference temp. 2 2 - 5 characteristics change from the value before test class 1 c0g capacitance drift within 7.5% or 0.75pf, whichever larger. class 2 x7r x8r 12.5 % rated capacitance q 30pf and over 1,000 min. under 30pf 100+10/3 c min.
tdk mlcc us catalog version b11 page 320 general specifications cga series C automotive grade capacitors no. item performance test or inspection method 16 life reflow solder the capacitor on p.c. board (shown in appendix 1a or appendix 1b) before testing. test condition : maximum operating temperature 2oc for 1,000 +48,0h. please refer to each part number for test voltage. charge/discharge current shall not exceed 50ma. leave the capacitor in ambient conditions for 6 to 24h (class 1) or 24 2h (class 2) before measurement. voltage conditioning: voltage treat the capacitors under testing temperature and voltage for 1 hour. leave the capacitor in ambient conditions on for 24 2h before measurement. use this measurement for initial value. external appearance no mechanical damage. capacitance q (class 1) c : rated capacitance (pf) d.f. (class 2) characteristics x7r: 200% of initial spec. max. x8r: 200% of initial spec. max insulation resistance 1,000m or 50m ? f min. , whichever smaller. (as for the capacitors of rated voltage 16 dc, 1,000 m or 10m ? f min.,) *as for the initial measurement of capacitors (class 2) on number 8, 12, 13 and 14, leave capacitors at 150 C 10, 0 or hor an eare the ale ater leain apaitor or h in aient onition harateriti hane ro the ale eore tet class 1 c0g capacitance drift within 7.5% or 0.75pf, whichever larger. class 2 x7r x8r 15 % rated capacitance q c 30pf 350 min. 10pf c < 30pf 275 + 5/2 c min. c < 10pf 200 + 10 c min.
tdk mlcc us catalog version b11 page 321 general specifications cga series C automotive grade capacitors appendix - 1 a p.c. board for reliability test applied for cga 2 , cga 3 , cga 4 , cga 5 appendix - 1 b p.c. board for reliability test applied for cga 6 appendix - 2 a p.c. board for bending test applied for cga 2 appendix - 2b p.c. board for bending test applied for cga3, cga4, cga5, cga6 100 mm solder resist copper b a c 40 mm copper solder resist slit 40 mm 100 mm c b a solder resist copper b a 1.0 mm c 40 mm 100 mm 1.0 mm c a b solder resist b 100 mm copper 40 mm material : glass epoxy ( as per jis c6484 ge4 ) p.c. board thickness : appendix - 2a 0.8mm appendix - 1a, 1b, 2b 1.6mm copper ( thickness 0.035mm ) solder resist case code dimensions (mm) series jis eia a b c cga2 c1005 cc0402 0.4 1.5 0.5 cga3 c1608 cc0603 1.0 3.0 1.2 cga4 c2012 cc0805 1.2 4.0 1.65 cga5 c3216 cc1206 2.2 5.0 2.0 cga6 c3225 cc1210 2.2 5.0 2.9
tdk mlcc us catalog version b11 page 322 soldering information cga series C automotive grade capacitors wave soldering unit: mm type symbol cga3 [cc0603] cga4 [cc0805] cga5 [cc1206] a 0.7 - 1.0 1.0 - 1.3 2.1 - 2.5 b 0.8 - 1.0 1.0 - 1.2 1.1 - 1.3 c 0.6 - 0.8 0.8 - 1.1 1.0 - 1.3 ? recommended soldering land pattern ? recommended soldering profile a b c chip capacitor solder land solder resist reflow soldering unit: mm type symbol cga2 [cc0402] cga3 [cc0603] cga4 [cc0805] a 0.3 - 0.5 0.6 - 0.8 0.9 - 1.2 b 0.35 - 0.45 0.6 - 0.8 0.7 - 0.9 c 0.4 - 0.6 0.6 - 0.8 0.9 - 1.2 reflow soldering unit: mm type symbol cga5 [cc1206] cga6 [cc1210] a 2.0 - 2.4 2.0 - 2.4 b 1.0 - 1.2 1.0 - 1.2 c 1.1 - 1.6 1.9 - 2.5 excessive solder higher tensile force on the chip capacitor may cause cracking. ghtxdwh solder insufficient solder small solder fillet may cause contact failure or failure to hold the chip capacitor to the p.c. board. ? recommended solder amount maximum amount minimum amount recommended soldering duration temp./ dura. solder wave soldering reflow soldering peak temp ( c) duration (sec.) peak temp ( c) duration (sec.) sn - pb solder 250 max. 3 max. 230 max. 20 max. lead- free solder 260 max. 5 max. 260 max. 10 max. recommended solder compositions sn - 37pb (sn - pb solder) sn - 3.0ag - 0.5cu (lead free solder) preheating condition soldering case size - jis (eia) temp. (oc) wave soldering cga3(cc0603), cga4(cc0805), cga5(cc1206) t reflow soldering cga2(cc0402), cga3(cc0603), cga4(cc0805), cga5(cc1206) t cga6(cc1210) t manual soldering cga2(cc0402), cga3(cc0603), cga4(cc0805), cga5(cc1206) t cga6(cc1210) t reflow soldering manual soldering (solder iron) t preheating 3sec. (as short as possible) 0 300 temp (oc) temp (oc) 0 t soldering natural cooling preheating peak temp over 60 sec. peak temp time wave soldering peak temp 0 t preheating soldering natural cooling over 60 sec. over 60 sec. peak temp time temp. (oc)
tdk mlcc us catalog version b 11 page 323 packaging information cga series C automotive grade capacitors ? carrier tape configuration ? chip quantity per reel and structure of reel (paper & plastic) ? peel back force (top tape) 015 carrier tape top cover tape direction & angle of pull 0.05 C 0.7 n &duulhuwdshvkdooehioh[leohhqrxjkwreh wound around a minimum radius of 30mm with components in tape. 7khplvvlqjrifrpsrqhqwvvkdooehohvvwkdq 0.1% &rpsrqhqwvvkdooqrwvwlfnwrwkhfryhuwdsh 7khfryhuwdshvkdooqrwsurwuxghehrqgwkh edges of the carrier tape and shall not cover the sprocket holes. paper carrier tape pitch hole top cover tape bottom cover tape plastic carrier tape top cover tape pitch hole paper carrier tape & reel plastic carrier tape & reel case code chip thickness (mm) taping material chip quantity (pcs.) series jis eia 178mm (7) 330mm (13) cga2 c1005 cc0402 0.50 paper 10,000 50,000 cga3 c1608 cc0603 0.80 4,000 10,000 cga4 c2012 cc0805 0.60 20,000 0.85 10,000 1.25 plastic 2,000 cga5 c3216 cc1206 0.60 paper 4,000 0.85 1.15 plastic 2,000 1.60 8,000 cga6 c3225 cc1210 1.25 1.60 2.00 1,000 5,000 2.30 2.50 drawing direction leader 400mm min bulk 160mm min. chips bulk 160 mm min
tdk mlcc us catalog version b11 page 324 additional information cga series C automotive grade capacitors ? shape & dimensions tdk corporation established internal product environmental assurance standards that include the six hazardous substances banned by the eu rohs directive 1 enforced on july 1, 2006 along with additional substances independently banned by tdk and has successfully completed making general purpose electronic components conform to the rohs directive 2 . l b g b w t terminal electrode ceramic dielectric internal electrode 3 4 5 1 2 no. name material class 1 class 2 (1) ceramic dielectric cazro 3 batio 3 (2) internal electrode nickel (ni) (3) termination copper (cu) (4) nickel (ni) (5) tin ( sn ) ? inside structure & material system ? environmental information 1. abbreviation for restriction on hazardous substances, which refers to the regulation eu directive 2002/95/ec on hazardous substances by the european union (eu) effective from july 1, 2006. the directive bans the use of six specific hazardous substances in electric and electronic devices and products handled within the eu. the six substances are lead, mercury, cadmium, hexavalent chromium, pbb ( polybrominated biphenyls), and pbde ( polybrominated diphenyl ethers). 2. this means that, in conformity with the eu directive 2002/95/ec, lead, cadmium, mercury, hexavalent chromium, and specific bromine - based flame retardants, pbb and pbde, have not been used, except for exempted applications. for reach (svhc : 15 substances according to echa / october 2008) : all tdk mlcc do not contain these 15 substances. for european directive 2000/53/ce and 2005/673/ce : cadmium, hexavalent chromium, mercury, lead are not contained in all tdk mlcc. for european directive 2003/11/ce : pentabromodiphenyl - ether, octabromodiphenyl - ether are not contained in all tdk mlcc. case code dimensions (mm) series jis eia l w t b g cga2 c1005 cc0402 1.00 0.50 0.50 0.25 0.30 min. cga3 c1608 cc0603 1.60 0.80 0.80 0.30 0.50 min. cga4 c2012 cc0805 2.00 1.25 0.60 0.50 0.50 min. 0.85 0.20 min. 1.25 cga5 c3216 cc1206 3.20 1.60 0.60 0.30 min. 1.00 min. 0.85 1.15 0.20 min. 1.60 cga6 c3225 cc1210 3.20 2.50 1.25 0.30 min. 1.00 min. 1.60 0.20 min. 2.00 2.30 2.50 0.30 min.


▲Up To Search▲   

 
Price & Availability of CGA5K4X7R2J153K

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X